전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD640G83UI 데이터시트(PDF) 26 Page - Advanced Micro Devices

부품명 PD640G83UI
상세설명  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G83UI 데이터시트(HTML) 26 Page - Advanced Micro Devices

Back Button PD640G83UI Datasheet HTML 22Page - Advanced Micro Devices PD640G83UI Datasheet HTML 23Page - Advanced Micro Devices PD640G83UI Datasheet HTML 24Page - Advanced Micro Devices PD640G83UI Datasheet HTML 25Page - Advanced Micro Devices PD640G83UI Datasheet HTML 26Page - Advanced Micro Devices PD640G83UI Datasheet HTML 27Page - Advanced Micro Devices PD640G83UI Datasheet HTML 28Page - Advanced Micro Devices PD640G83UI Datasheet HTML 29Page - Advanced Micro Devices PD640G83UI Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
24
Am29PDL640G
December 13, 2005
D A TA SH EE T
cuting an Embedded Program or embedded Erase al-
gorithm.
The system can also write the CFI query command
when the device is in the autoselect mode. The device
enters the CFI query mode, and the system can read
CFI data at the addresses given in Tables 10–13. The
system must write the reset command to return the
device to reading array data.
For further information, please refer to the CFI Specifi-
cation and CFI Publication 100, available via the World
Wide Web at http://www.amd.com/flash/cfi. Alterna-
tively, contact an AMD representative for copies of
these documents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61