전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M49000000G 데이터시트(PDF) 19 Page - Advanced Micro Devices

부품명 M49000000G
상세설명  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000G 데이터시트(HTML) 19 Page - Advanced Micro Devices

Back Button M49000000G Datasheet HTML 15Page - Advanced Micro Devices M49000000G Datasheet HTML 16Page - Advanced Micro Devices M49000000G Datasheet HTML 17Page - Advanced Micro Devices M49000000G Datasheet HTML 18Page - Advanced Micro Devices M49000000G Datasheet HTML 19Page - Advanced Micro Devices M49000000G Datasheet HTML 20Page - Advanced Micro Devices M49000000G Datasheet HTML 21Page - Advanced Micro Devices M49000000G Datasheet HTML 22Page - Advanced Micro Devices M49000000G Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
18
Am49DL320BG
June 25, 2002
P R E L I M I NARY
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
m e nt to au tom a ti ca l l y m a tch a d e vi ce to b e
programmed with its corresponding programming al-
gorithm. However, the autoselect codes can also be
accessed in-system through the command register.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 13. This method
does not require V
ID. Refer to the Autoselect Com-
mand Sequence section for more information.
Sector/Sector Block Protection and
Unprotection
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Table
7).
Table 7.
Top Boot Sector/Sector Block Addresses
for Protection/Unprotection
Sector
A20–A12
Sector/
Sector Block Size
SA0
000000XXX
64 Kbytes
SA1–SA3
000001XXX,
000010XXX
000011XXX
192 (3x64) Kbytes
SA4–SA7
0001XXXXX
256 (4x64) Kbytes
SA8–SA11
0010XXXXX
256 (4x64) Kbytes
SA12–SA15
0011XXXXX
256 (4x64) Kbytes
SA16–SA19
0100XXXXX
256 (4x64) Kbytes
SA20–SA23
0101XXXXX
256 (4x64) Kbytes
SA24–SA27
0110XXXXX
256 (4x64) Kbytes
SA28–SA31
0111XXXXX
256 (4x64) Kbytes
SA32–SA35
1000XXXXX
256 (4x64) Kbytes
SA36–SA39
1001XXXXX
256 (4x64) Kbytes
SA40–SA43
1010XXXXX
256 (4x64) Kbytes
SA44–SA47
1011XXXXX
256 (4x64) Kbytes
SA48–SA51
1100XXXXX
256 (4x64) Kbytes
SA52–SA55
1101XXXXX
256 (4x64) Kbytes
SA56–SA59
1110XXXXX
256 (4x64) Kbytes
SA60–SA62
111100XXX,
111101XXX,
111110XXX
192 (4x64) Kbytes
SA63
111111000
8 Kbytes
SA64
111111001
8 Kbytes
SA65
111111010
8 Kbytes
SA66
111111011
8 Kbytes
SA67
111111100
8 Kbytes
SA68
111111101
8 Kbytes
SA69
111111110
8 Kbytes
SA70
111111111
8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64