전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M500000008 데이터시트(PDF) 57 Page - Advanced Micro Devices

부품명 M500000008
상세설명  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

M500000008 데이터시트(HTML) 57 Page - Advanced Micro Devices

Back Button M500000008 Datasheet HTML 53Page - Advanced Micro Devices M500000008 Datasheet HTML 54Page - Advanced Micro Devices M500000008 Datasheet HTML 55Page - Advanced Micro Devices M500000008 Datasheet HTML 56Page - Advanced Micro Devices M500000008 Datasheet HTML 57Page - Advanced Micro Devices M500000008 Datasheet HTML 58Page - Advanced Micro Devices M500000008 Datasheet HTML 59Page - Advanced Micro Devices M500000008 Datasheet HTML 60Page - Advanced Micro Devices M500000008 Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
56
Am50DL128CG
November 7, 2002
P R E L I M I NARY
pSRAM AC CHARACTERISTICS
Notes:
1. If the device is using the I/Os to output data, input signals of reverse polarity must not be applied.
2. If OE# is high during the write cycle, the outputs will remain at high impedance.
Figure 31.
Pseudo SRAM Write Cycle—
UB#s and LB#s Control
tWC
Valid Data In
Addresses
A20 to A0
WE#
CE#1
CE2
UB#, LB#
DIN
DQ15 to DQ0
DOUT
DQ15 to DQ0
tDS
tWR
tWP
tCW
High-Z
High-Z
tCH
tDH
tAS
tBW
tBE
tCOE
tODW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63