전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV320ML112RPCI 데이터시트(PDF) 46 Page - Advanced Micro Devices

부품명 AM29LV320ML112RPCI
상세설명  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML112RPCI 데이터시트(HTML) 46 Page - Advanced Micro Devices

Back Button AM29LV320ML112RPCI Datasheet HTML 42Page - Advanced Micro Devices AM29LV320ML112RPCI Datasheet HTML 43Page - Advanced Micro Devices AM29LV320ML112RPCI Datasheet HTML 44Page - Advanced Micro Devices AM29LV320ML112RPCI Datasheet HTML 45Page - Advanced Micro Devices AM29LV320ML112RPCI Datasheet HTML 46Page - Advanced Micro Devices AM29LV320ML112RPCI Datasheet HTML 47Page - Advanced Micro Devices AM29LV320ML112RPCI Datasheet HTML 48Page - Advanced Micro Devices AM29LV320ML112RPCI Datasheet HTML 49Page - Advanced Micro Devices AM29LV320ML112RPCI Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
44
Am29LV320MH/L
26517B4 January 31, 2007
D A TA
SH EE T
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
tPOLL
Notes:
1. PA = program address, PD = program data, D
OUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 17.
Program Operation Timings
ACC
tVHH
VHH
VIL or VIH
VIL or VIH
tVHH
Figure 18.
Accelerated Program Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59