| 전자부품 데이터시트 검색엔진 |
|
M500000012 데이터시트(PDF) 50 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
M500000012 데이터시트(HTML) 50 Page - SPANSION |
|
50 / 70 page ![]() May 19, 2003 Am50DL9608G 49 P R E L I M I NARY FLASH AC CHARACTERISTICS Read-Only Operations Notes: 1. Not 100% tested. 2. See Figure 11 and Table 24 for test specifications 3. Measurements performed by placing a 50 Ω termination on the data pin with a bias of V CC/2. The time from OE# high to the data bus driven to V CC/2 is taken as tDF . Parameter Description Test Setup All Speed Options JEDEC Std. Unit t AVAV t RC Read Cycle Time (Note 1) Min 70 ns t AVQV t ACC Address to Output Delay CE#f, OE# = V IL Max 70 ns t ELQV t CE Chip Enable to Output Delay OE# = V IL Max 70 ns t GLQV t OE Output Enable to Output Delay Max 30 ns t EHQZ t DF Chip Enable to Output High Z (Notes 1, 3) Max 16 ns t GHQZ t DF Output Enable to Output High Z (Notes 1, 3) Max 16 ns t AXQX t OH Output Hold Time From Addresses, CE#f or OE#, Whichever Occurs First Min 0 ns t OEH Output Enable Hold Time (Note 1) Read Min 0 ns Toggle and Data# Polling Min 10 ns tOH tCE Outputs WE# Addresses CE#f OE# HIGH Z Output Valid HIGH Z Addresses Stable tRC tACC tOEH tRH tOE tRH 0 V RY/BY# RESET# tDF Figure 16. Read Operation Timings |