전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV320ML120REF 데이터시트(PDF) 50 Page - Advanced Micro Devices

부품명 AM29LV320ML120REF
상세설명  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML120REF 데이터시트(HTML) 50 Page - Advanced Micro Devices

Back Button AM29LV320ML120REF Datasheet HTML 46Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 47Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 48Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 49Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 50Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV320ML120REF Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
48
Am29LV320MH/L
26517B4 January 31, 2007
D A TA
SH EE T
AC CHARACTERISTICS
Temporary Sector Unprotect
Note:
1.
Not 100% tested.
2.
AC specifications listed are tested with V
IO = VCC. Contact AMD for information on AC operation with VIO ≠ VCC.
Parameter
All Speed Options
JEDEC
Std
Description
Unit
t
VIDR
V
ID Rise and Fall Time (See Note)
Min
500
ns
t
RSP
RESET# Setup Time for Temporary Sector
Unprotect
Min
4
µs
RESET#
tVIDR
VID
VSS, VIL,
or VIH
VID
VSS, VIL,
or VIH
CE#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Figure 23.
Temporary Sector Group Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59