| 전자부품 데이터시트 검색엔진 |
|
ADA3200DIK5AP 데이터시트(PDF) 65 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DIK5AP 데이터시트(HTML) 65 Page - Advanced Micro Devices |
|
65 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 65 AMD Sempron™ Processor The notes for this table appear on page 67. Parameter/OPN Notes M odel Number CPUID 8000_0001h EBX [11:6] (BrandID) 1 CPUID 8000_0001h EAX [31:0] (CPUID) 1 FID/VID Status M axVID Field 2 FID/VID Status M axFID Field 2 FID/VID Status StartVID Field 2 FID/VID Status StartFID Field 2 L2 Cache Size Max P-S tate VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #1 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #2 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #3 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #4 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #5 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #6 5 VID Code / VID_VDD 3 Thermal Design Power 4 Min P-S tate VID Code / VID_VDD 3 Thermal Design Power 4 256 KB 04h 06h 06h 06h S DA2500AIO3BX 2500+ 26h 00020FC2h 1400 MHz 06h 1.400 V 59.0 W N/A N/A N/A N/A N/A N/A N/A |