전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV320ML101RPCF 데이터시트(PDF) 53 Page - Advanced Micro Devices

부품명 AM29LV320ML101RPCF
상세설명  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML101RPCF 데이터시트(HTML) 53 Page - Advanced Micro Devices

Back Button AM29LV320ML101RPCF Datasheet HTML 49Page - Advanced Micro Devices AM29LV320ML101RPCF Datasheet HTML 50Page - Advanced Micro Devices AM29LV320ML101RPCF Datasheet HTML 51Page - Advanced Micro Devices AM29LV320ML101RPCF Datasheet HTML 52Page - Advanced Micro Devices AM29LV320ML101RPCF Datasheet HTML 53Page - Advanced Micro Devices AM29LV320ML101RPCF Datasheet HTML 54Page - Advanced Micro Devices AM29LV320ML101RPCF Datasheet HTML 55Page - Advanced Micro Devices AM29LV320ML101RPCF Datasheet HTML 56Page - Advanced Micro Devices AM29LV320ML101RPCF Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
51
D A TA
SH EET
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#,
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
DQ15#
tPOLL
Notes:
1. Figure indicates last two bus cycles of a program or erase operation.
2. PA = program address, SA = sector address, PD = program data.
3. DQ7# is the complement of the data written to the device. DOUT is the data written to the device.
4. Illustration shows device in word mode.
Figure 25.
Alternate CE# Controlled Write (Erase/Program)
Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59