전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV320ML112RPCF 데이터시트(PDF) 5 Page - Advanced Micro Devices

부품명 AM29LV320ML112RPCF
상세설명  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML112RPCF 데이터시트(HTML) 5 Page - Advanced Micro Devices

  AM29LV320ML112RPCF Datasheet HTML 1Page - Advanced Micro Devices AM29LV320ML112RPCF Datasheet HTML 2Page - Advanced Micro Devices AM29LV320ML112RPCF Datasheet HTML 3Page - Advanced Micro Devices AM29LV320ML112RPCF Datasheet HTML 4Page - Advanced Micro Devices AM29LV320ML112RPCF Datasheet HTML 5Page - Advanced Micro Devices AM29LV320ML112RPCF Datasheet HTML 6Page - Advanced Micro Devices AM29LV320ML112RPCF Datasheet HTML 7Page - Advanced Micro Devices AM29LV320ML112RPCF Datasheet HTML 8Page - Advanced Micro Devices AM29LV320ML112RPCF Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
3
D A TA
SH EET
MIRRORBIT 32 MBIT DEVICE FAMILY
RELATED DOCUMENTS
To download related documents, click on the following
links or go to www.amd.com
→Flash Memory→Prod-
uct Information
→MirrorBit→Flash Information→Tech-
nical Documentation.
MirrorBit™ Flash Memory Write Buffer Programming
and Page Buffer Read
Implementing a Common Layout for AMD MirrorBit
and Intel StrataFlash Memory Devices
Migrating from Single-byte to Three-byte Device IDs
AMD MirrorBit™ White Paper
Device
Bus
Sector Architecture
Packages
VIO
RY/BY#
WP#, ACC
WP# Protection
LV033MU
x8
Uniform (64 Kbyte)
40-pin TSOP (std. & rev. pinout),
48-ball FBGA
Yes
Yes
ACC only
No WP#
LV320MT/B
x8/x16
Boot (8 x 8 Kbyte
at top & bottom)
48-pin TSOP, 48-ball Fine-pitch BGA,
64-ball Fortified BGA
No
Yes
WP#/ACC pin
2 x 8 Kbyte
top or bottom
LV320MH/L
x8/x16
Uniform (64 Kbyte)
56-pin TSOP (std. & rev. pinout),
64 Fortified BGA
Yes
Yes
WP#/ACC pin
1 x 64 Kbyte
high or low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59