전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A800DB90PI 데이터시트(PDF) 35 Page - Advanced Micro Devices

부품명 A800DB90PI
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

A800DB90PI 데이터시트(HTML) 35 Page - Advanced Micro Devices

Back Button A800DB90PI Datasheet HTML 31Page - Advanced Micro Devices A800DB90PI Datasheet HTML 32Page - Advanced Micro Devices A800DB90PI Datasheet HTML 33Page - Advanced Micro Devices A800DB90PI Datasheet HTML 34Page - Advanced Micro Devices A800DB90PI Datasheet HTML 35Page - Advanced Micro Devices A800DB90PI Datasheet HTML 36Page - Advanced Micro Devices A800DB90PI Datasheet HTML 37Page - Advanced Micro Devices A800DB90PI Datasheet HTML 38Page - Advanced Micro Devices A800DB90PI Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
D A TA
SH EE T
January 23, 2007 27546A6
Am29SL800D
33
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tW
tWC
tAS
tWP
555h for chip erase
10 for Chip Erase
30h
tD
tVCS
tCS
tD
55h
tCH
In
Progress
Complete
tWHWH
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1.
SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2.
Illustration shows device in word mode.
Figure 18.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com