전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A800DB12PI 데이터시트(PDF) 34 Page - Advanced Micro Devices

부품명 A800DB12PI
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

A800DB12PI 데이터시트(HTML) 34 Page - Advanced Micro Devices

Back Button A800DB12PI Datasheet HTML 30Page - Advanced Micro Devices A800DB12PI Datasheet HTML 31Page - Advanced Micro Devices A800DB12PI Datasheet HTML 32Page - Advanced Micro Devices A800DB12PI Datasheet HTML 33Page - Advanced Micro Devices A800DB12PI Datasheet HTML 34Page - Advanced Micro Devices A800DB12PI Datasheet HTML 35Page - Advanced Micro Devices A800DB12PI Datasheet HTML 36Page - Advanced Micro Devices A800DB12PI Datasheet HTML 37Page - Advanced Micro Devices A800DB12PI Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
D A TA
SH EE T
32
Am29SL800D
27546A6 January 23, 2007
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tD
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
Notes:
1.
PA = program address, PD = program data, DOUT is the true data at the program address.
2.
Illustration shows device in word mode.
Figure 17.
Program Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46