전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMCT03-ACZL 데이터시트(PDF) 15 Page - SMSC Corporation

부품명 EMCT03-ACZL
상세설명  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03-ACZL 데이터시트(HTML) 15 Page - SMSC Corporation

Back Button EMCT03-ACZL Datasheet HTML 8Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 9Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 10Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 11Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 12Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 13Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 14Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 15Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 16Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
SMSC EMCT03
15
Revision 2.3 (04-19-05)
DATASHEET
2. The lowest emitter and base resistance values will also be helpful as a matter of series input
resistance
4.1.2.2
Compensating for Ideality of the diode
The remote diode may have an ideality factor based on the manufacturing process. Inaccuracy in the
temperature measurement resulting from this ideality factor may be eliminated by calibrating the
remote diode with the temperature sensor. The EMCT03 is trimmed to an ideality factor of 1.008.
4.1.2.3
Circuit Connections
The more negative terminal for the remote temperature diode, DN, is internally biased with a forward
diode voltage. Terminal DN is not referenced to ground. Remote temperature diodes can be
constructed as shown in Figure 4.2 Remote Temperature Diode Examples on page 15.
Figure 4.2 Remote Temperature Diode Examples
Environmental Monitoring and Control (EMC) devices supplied by SMSC are designed to make
accurate temperature measurements. Careful design of the printed circuit board and proper selection
of the remote sensing diode will help to maintain the accuracy.
To DP
To DN
Local Ground
Typical Remote Parasitic
Substrate Transistor
e.g. CPU substrate PNP
To DP
To DN
To DP
To DN
Typical Remote
Discrete PNP Transistor
e.g 2N3906
Typical Remote
Discrete NPN Transistor
e.g. 2N3904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16