전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADA3200DAK4AX 데이터시트(PDF) 51 Page - Advanced Micro Devices

부품명 ADA3200DAK4AX
상세설명  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DAK4AX 데이터시트(HTML) 51 Page - Advanced Micro Devices

Back Button ADA3200DAK4AX Datasheet HTML 47Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 48Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 49Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 50Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 51Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 52Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 53Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 54Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
51
AMD Athlon™ 64 FX Processor
Table 17: AMD Athlon™ 64 FX Processor Thermal Profile
Thermal Profile
G
Thermal Resistance
(case to ambient)
0.22°C/W
Local Ambient
Temperature
40°C
Tcase Max
Power
(Thermal Profile G)
49°C
40.9 W
51°C
50.0 W
53°C
59.1 W
55°C
68.2 W
57°C
77.3 W
59°C
86.4 W
61°C
95.5 W
63°C
104.0 W
65°C
N/A
67°C
N/A
69°C
N/A
71°C
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com