전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM70PDL129CDH 데이터시트(PDF) 75 Page - Advanced Micro Devices

부품명 AM70PDL129CDH
상세설명  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM70PDL129CDH 데이터시트(HTML) 75 Page - Advanced Micro Devices

Back Button AM70PDL129CDH Datasheet HTML 71Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 72Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 73Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 74Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 75Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 76Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 77Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 78Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 127 page
background image
November 24, 2003
Am70PDL127CDH/Am70PDL129CDH
73
ADV ANCE
I N FO RMAT I O N
PSRAM AC CHARACTERISTICS
CE#s Timing
Figure 23.
Timing Diagram for Alternating
Between Pseudo SRAM to Flash
Note: After V
CC reaches VCC (MIn), wait 200 µs with CS#1s and CS2s high. The device will enter into normal operation.
Figure 24.
Timing Waveform of Power-up
Parameter
Description
Test Setup
All Speeds
Unit
JEDEC
Std
—t
CCR
CE#s Recover Time
—
Min
0
ns
CE#1ps
tCCR
tCCR
CE2ps
V
CC
V
CC (Min)
Min. 0 ns
CS2s
CS#1s
Power Up Mode
Normal Operation
Min. 200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More