전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29BDD160GT28DPBK 데이터시트(PDF) 42 Page - Advanced Micro Devices

부품명 AM29BDD160GT28DPBK
상세설명  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBK 데이터시트(HTML) 42 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBK Datasheet HTML 38Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 39Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 40Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 41Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 42Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 43Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 44Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 45Page - Advanced Micro Devices AM29BDD160GT28DPBK Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
40
Am29BDD160G
June 7, 2006
The CFI command is not permitted if the SecSi sector
is enabled and Simultaneous Operation is disabled
once the command is entered.
See Common Flash Memory Interface (CFI) for the
specific CFI command codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79