전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29SL400DB100WAC 데이터시트(PDF) 41 Page - Advanced Micro Devices

부품명 AM29SL400DB100WAC
상세설명  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400DB100WAC 데이터시트(HTML) 41 Page - Advanced Micro Devices

Back Button AM29SL400DB100WAC Datasheet HTML 33Page - Advanced Micro Devices AM29SL400DB100WAC Datasheet HTML 34Page - Advanced Micro Devices AM29SL400DB100WAC Datasheet HTML 35Page - Advanced Micro Devices AM29SL400DB100WAC Datasheet HTML 36Page - Advanced Micro Devices AM29SL400DB100WAC Datasheet HTML 37Page - Advanced Micro Devices AM29SL400DB100WAC Datasheet HTML 38Page - Advanced Micro Devices AM29SL400DB100WAC Datasheet HTML 39Page - Advanced Micro Devices AM29SL400DB100WAC Datasheet HTML 40Page - Advanced Micro Devices AM29SL400DB100WAC Datasheet HTML 41Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
April 13, 2005 Rev. A Amend. +1
Am29SL400D
39
ADV ANCE
I N FO RMAT I O N
REVISION SUMMARY
Revision A (February 12, 2004)
Initial release.
Revision A+1 (April 13, 2005)
Ordering Information
Added Commercial and Industrial Pb-free options.
Valid Combination Table,
Added package designators for Pb-free options.
Global
Added Colophon.
Updated Trademark.
Added Cover Page.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion LLC will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright ©2003-2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41