| 전자부품 데이터시트 검색엔진 |
|
AM29SL400DB100WAD 데이터시트(PDF) 39 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29SL400DB100WAD 데이터시트(HTML) 39 Page - Advanced Micro Devices |
|
39 / 41 page ![]() April 13, 2005 Rev. A Amend. +1 Am29SL400D 37 ADV ANCE I N FO RMAT I O N ERASE AND PROGRAMMING PERFORMANCE Notes: 1. Typical program and erase times assume the following conditions: 25 °C, 1.8 V V CC, 1,000,000 cycles. Additionally, programming typicals assume checkerboard pattern. 2. Under worst case conditions of 90°C, VCC = 1.8 V, 1,000,000 cycles. 3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum program times listed. 4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure. 5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 5 on page 17 for further information on command definitions. 6. The device has a minimum guaranteed erase and program cycle endurance of 1,000,000 cycles. LATCHUP CHARACTERISTICS Includes all pins except VCC. Test conditions: VCC = 1.8 V, one pin at a time. TSOP PIN AND BGA PACKAGE CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. DATA RETENTION Parameter Typ (Note 1) Max (Note 2) Unit Comments Sector Erase Time 0.7 15 s Excludes 00h programming prior to erasure (Note 4) Chip Erase Time 38 s Byte Programming Time 10 300 µs Excludes system level overhead (Note 5) Word Programming Time 12 360 µs Chip Programming Time (Note 3) Byte Mode 5 40 s Word Mode 3.5 30 s Description Min Max Input voltage with respect to VSS on all pins except I/O pins (including A9, OE#, and RESET#) –1.0 V 11.0 V Input voltage with respect to VSS on all I/O pins –0.5 V VCC + 0.5 V VCC Current –100 mA +100 mA Parameter Symbol Parameter Description Test Setup Typ Max Unit CIN Input Capacitance VIN = 0 TSOP 6 7.5 pF Fine-pitch BGA 4.2 5.0 pF COUT Output Capacitance VOUT = 0 TSOP 8.5 12 pF Fine-pitch BGA 5.4 6.5 pF CIN2 Control Pin Capacitance VIN = 0 TSOP 7.5 9 pF Fine-pitch BGA 3.9 4.7 pF Parameter Test Conditions Min Unit Minimum Pattern Data Retention Time 150 °C 10 Years 125 °C 20 Years |