전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K1500G 데이터시트(PDF) 4 Page - UN Semiconducctor INC

부품명 K1500G
상세설명  Sidac
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UNSEMI [UN Semiconducctor INC]
홈페이지  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

K1500G 데이터시트(HTML) 4 Page - UN Semiconducctor INC

  K1500G Datasheet HTML 1Page - UN Semiconducctor INC K1500G Datasheet HTML 2Page - UN Semiconducctor INC K1500G Datasheet HTML 3Page - UN Semiconducctor INC K1500G Datasheet HTML 4Page - UN Semiconducctor INC K1500G Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sidac
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
KXXXXG Series
4/4
Ordering Information
Dimensions DO-15
Packing
090 0 G
K
Package type: DO-15
0:Bi-direction 1:Uni-direction
Median voltage
Series code
K:Sidac
Dimensions
Inches
Min
Max
Millimeters
Min
Max
B
D
G
L
0.700
3.048
5.969
25.40
0.864
3.556
6.858
--
B
D
G
0.028
0.120
0.235
1.000
0.034
0.140
0.270
--
Part Number
Component Package
Quantity
Packaging Option
KxxxxG
DO-15/DO-204AC
2,000
Box
L
L



Html Pages

1 2 3 4 5