| 전자부품 데이터시트 검색엔진 |
|
P2000DM 데이터시트(PDF) 1 Page - UN Semiconducctor INC |
|
|
|||||||||||||||||||||||||||||
P2000DM 데이터시트(HTML) 1 Page - UN Semiconducctor INC |
|
1 / 6 page ![]() Description Applicable Global Standards ROHS www.unsemi.com.tw Features and Benefits Revision March 1,2022 www.unsemi.com.tw For technical questions, contact: tech@unsemi.com.tw Specifications are subject to change without notice. Please refer to www.unsemi.com.tw for current information. 1/5 PXXXXDM Series SOD-123FL(SMF) Thyristor Surge Suppressors (TSS) @10/700μS,2KV Schematic Symbol Electrical Parameters PXXXXDM Series are designed to protect broadband equipment such as modems, line card, CPE and DSL from damaging over-voltage transients. The series provides a surface mount solution that enables equipment to comply with global regulatory standards Excellent capability of absorbing transient surge Quick response to surge voltage (ns Level) Eliminates over voltage caused by fast rising transients Moisture sensitivity level: Level 1 Weight 69 mg (approximate) Non degenerative Response Time is < 1us ROHS compliant TIA-968-A ITU K.20/21 Enhanced level ITU K.20/21 Basic Level GR 1089 Inter building IEC 61000-4-5 YD/T 1082 Parameter IS lDRM IH IT VS VDRM Vτ C0 Definition Off-state Capacitance - typical capacitance measured in off state On-state Voltage - maximum voltage measured at rated on-state current Peak Off-state Voltage - maximum voltage that can be applied while maintaining off state Switching Voltage - maximum voltage prior to switching to on stat On-state Current - maximum rated continuous on-state bcurrent Holding Current - minimum current required to maintain on state Leakage Current - maximum peak off-state current measured at VDRM Switching Current - maximum current required to switch to on state IS lDRM IH IT +I -I VS VDRM Vτ +V - V |
유사한 부품 번호 - P2000DM |
|
유사한 설명 - P2000DM |