전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA6.0 데이터시트(PDF) 4 Page - RFE international

부품명 SA6.0
상세설명  FEATURES Voltage Suppressor Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFE [RFE international]
홈페이지  http://www.rfeinc.com
Logo RFE - RFE international

SA6.0 데이터시트(HTML) 4 Page - RFE international

  SA6.0 Datasheet HTML 1Page - RFE international SA6.0 Datasheet HTML 2Page - RFE international SA6.0 Datasheet HTML 3Page - RFE international SA6.0 Datasheet HTML 4Page - RFE international SA6.0 Datasheet HTML 5Page - RFE international SA6.0 Datasheet HTML 6Page - RFE international SA6.0 Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Part
Number
(Uni)
Part
Number
(Bi)
Breakdown Voltage VBR@IT
Maximum
Reverse
Leakage IR
@ VWM (μ A)
Working
Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage Vc
@ IPP
(V)
Maximum
Temperature
Coefficient of
VBR
(%/°C)
Min
(V)
Max
(V)
IT
(mA)
SA75A
SA75CA
83.3
92.1
1.0
5.0
75
4.1
121
91
SA78
SA78C
86.7
106
1.0
5.0
78
3.6
139
105
SA78A
SA78CA
86.7
95.8
1.0
5.0
78
4.0
126
95
SA85
SA85C
94.4
115
1.0
5.0
85
3.3
151
114
SA85A
SA85CA
94.4
104
1.0
5.0
85
3.6
137
103
SA90
SA90C
100
122
1.0
5.0
90
3.1
160
121
SA90A
SA90CA
100
111
1.0
5.0
90
3.4
146
110
SA100
SA100C
111
136
1.0
5.0
100
2.8
179
135
SA100A
SA100CA
111
123
1.0
5.0
100
3.1
162
123
SA110
SA110C
122
149
1.0
5.0
110
2.6
196
148
SA110A
SA110CA
122
135
1.0
5.0
110
2.8
177
133
SA120
SA120C
133
163
1.0
5.0
120
2.3
214
162
SA120A
SA120CA
133
147
1.0
5.0
120
2.6
193
146
SA130
SA130C
144
176
1.0
5.0
130
2.2
230
175
SA130A
SA130CA
144
159
1.0
5.0
130
2.4
209
158
SA140
SA140C
155.68
190.4
1.0
5.0
140
2.0
250.6
188
SA140A
SA140CA
155
171
1.0
5.0
140
2.2
226.8
170
SA150
SA150C
167
204
1.0
5.0
150
1.9
268
203
SA150A
SA150CA
167
185
1.0
5.0
150
2.1
243
184
SA160
SA160C
178
218
1.0
5.0
160
1.7
257
217
SA160A
SA160CA
178
197
1.0
5.0
160
1.9
259
196
SA170
SA170C
189
231
1.0
5.0
170
1.6
304
230
SA170A
SA170CA
189
209
1.0
5.0
170
1.8
275
208
SA180
SA180C
200.16
244.80
1.0
5.0
180
1.55
322.2
244
SA180A
SA180CA
200.0
220.0
1.0
5.0
180
1.71
291.6
221
SA190
SA190C
211.28
258.40
1.0
5.0
190
1.47
340.1
258
SA190A
SA190CA
211.0
232.0
1.0
5.0
190
1.62
307.8
234
Note:
For bi-directional types having VWM of 10 V and less, the IR limit is doubled
FEATURES
Transient Voltage Suppressor Diodes
SA Series
DO-204AC(DO-15)
09-08-2022
Page 4 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified



Html Pages

1 2 3 4 5 6 7