전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDN337 데이터시트(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

부품명 FDN337
상세설명  N-Channel 30 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

FDN337 데이터시트(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  FDN337 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. FDN337 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. FDN337 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. FDN337 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. FDN337 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0
2
4
6
8
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
I = 2.2A
D
15V
V
= 5V
DS
10V
0.1
0.5
1
2
5
10
20
50
0.01
0.03
0.1
0.3
1
2
5
10
20
V
, DRAI N-SOURCE VOLTAGE (V)
DS
DC
1s
100ms
10s
1ms
RDS(ON)
LIMIT
V
= 4.5V
SINGLE PULSE
R
=250 °C/W
T = 25°C
GS
A
θJA
10ms
0.0001
0.001
0.01
0.1
1
10
100 300
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=270° C/W
T = 25°C
θJA
A
Figure 10. Single Pulse Maximum Power
Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in note 1b.
Transient thermal response will change depending on the circuit board design.
0.1
0.2
0.5
1
2
5
10
20
20
50
100
200
500
1000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0V
GS
Coss
Crss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical Characteristics (continued)
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
R
(t) = r(t) * R
R
= 270 °C/W
Duty Cycle, D = t /t
1
2
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
N-Channel 30 V (D-S) MOSFET
UMW
R
FDN337
www.umw-ic.com
4
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com