| 전자부품 데이터시트 검색엔진 |
|
RS3KBF 데이터시트(PDF) 2 Page - UN Semiconducctor INC |
|
|
|||||||||||||||||||||||||||||
RS3KBF 데이터시트(HTML) 2 Page - UN Semiconducctor INC |
|
2 / 4 page ![]() ROHS Revision March 1,2022 www.unsemi.com.tw For technical questions, contact: tech@unsemi.com.tw ROHS Specifications are subject to change without notice. Please refer to www.unsemi.com.tw for current information. 2/3 RS3ABF~RS3MBF Surface Mount Fast Recovery Rectifiers Electrical Characteristics Curves Fig. 2 Typical Reverse Characteristics Fig.1 Maximum Average Forward Current Rating Fig. 4 Typical Junction Capacitance Fig.3 Typical Instaneous Forward Characteristics Fig.5 Maximum Non-Repetitive Peak Forward Surage Current 0.5 1.0 1.5 2.0 2.5 4.0 0 0 25 50 75 100 125 150 175 Case Temperature (°C) 3.0 3.5 Single phase half-wave 60 Hz resistive or inductive load 0.1 1.0 10 100 20 40 60 80 100 120 0 140 Percent of Rated Peak Voltage (%) Reverse T =125 J ° C T =25 J ° C 0.5 1.0 1.5 2.0 2.5 0 0.01 0.1 1.0 10 Instaneous Forward Voltage (V) T =25 J ° C pulse with 300μs 1% duty cycle 1.0 10 100 0.1 1 10 100 Reverse Voltage (V) T =25 J ° C T =25 J ° C f = 1.0MHz Vsig = 50mVp-p 15 30 45 60 75 90 0 10 100 Number of Cycles 1 8.3 ms Single Half Sine Wave (JEDEC Method) |