전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SACB12 데이터시트(PDF) 4 Page - UN Semiconducctor INC

부품명 SACB12
상세설명  5.0 To 50V 500W Low Capacitance Surface Mount Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UNSEMI [UN Semiconducctor INC]
홈페이지  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SACB12 데이터시트(HTML) 4 Page - UN Semiconducctor INC

  SACB12 Datasheet HTML 1Page - UN Semiconducctor INC SACB12 Datasheet HTML 2Page - UN Semiconducctor INC SACB12 Datasheet HTML 3Page - UN Semiconducctor INC SACB12 Datasheet HTML 4Page - UN Semiconducctor INC SACB12 Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
SACB Series
4/4
Part Numbering
5.0 To 50V 500W Low Capacitance
SACB XXX
VR VOLTAGE
SERIES
Ordering Information
Part Number
Component
Package
Quantity
Packaging Option
Packaging
Specification
SACBXXXXX
DO-214AA(SMB)
500 pcs
Tape & Reel -12mm/7″tape
EIA STD RS-481



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com