전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1045 데이터시트(PDF) 1 Page - SMC Diode Solutions Co. LTD

부품명 ST1045
상세설명  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMCDIODE [SMC Diode Solutions Co. LTD]
홈페이지  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST1045 데이터시트(HTML) 1 Page - SMC Diode Solutions Co. LTD

  ST1045 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST1045 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST1045 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST1045 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST1045 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD ST1045 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Data Sheet N1028, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST1045
STB1045
STD1045
STF1045
ST1045/STB1045/STF1045/STD1045
SCHOTTKY RECTIFIER
Applications
Features
ST1045
STB1045
STD1045
STF1045
TO-220AC
D2PAK
DPAK
ITO-220AC
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
45
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=80°C,
rectangular wave form
10
A
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3ms, Half Sine pulse, TC = 25 C
150
A
150 C TJ operation
Center tap configuration
Ultralow forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection


유사한 부품 번호 - ST1045

제조업체부품명데이터시트상세설명
logo
Sangdest Microelectroni...
ST1045 SMC-ST1045 Datasheet
152Kb / 7P
SCHOTTKY RECTIFIER
ST1045AX SMC-ST1045AX Datasheet
48Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST1045AX SMCDIODE-ST1045AX Datasheet
243Kb / 4P
SCHOTTKY BARRIER RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
ST1045C SMC-ST1045C Datasheet
189Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST1045C SMCDIODE-ST1045C Datasheet
657Kb / 7P
SCHOTTKY RECTIFIER
Rev. B
More results

유사한 설명 - ST1045

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com