전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1560 데이터시트(PDF) 2 Page - SMC Diode Solutions Co. LTD

부품명 ST1560
상세설명  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMCDIODE [SMC Diode Solutions Co. LTD]
홈페이지  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST1560 데이터시트(HTML) 2 Page - SMC Diode Solutions Co. LTD

  ST1560 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST1560 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST1560 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST1560 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST1560 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD ST1560 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD ST1560 Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Data Sheet N1417, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST1560
STB1560
STD1560
STF1560
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
ST1560
STB1560
STD1560
STF1560
Units
Junction Temperature
TJ
-55 to +150
C
Storage Temperature
Tstg
-55 to +150
C
Typical Thermal Resistance
Junction to Case
RJC
2.5
2.5
2
6
C/W
Case Style
TO-220AC/ D2PAK/ DPAK/ ITO-220AC
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
VF1
@ 7.5A, Pulse, TJ = 25 C
@ 15A, Pulse, TJ = 25 C
0.48
0.59
-
0.70
V
VF2
@ 7.5A, Pulse, TJ = 125 C
@ 15A, Pulse, TJ = 125 C
0.41
0.55
-
0.65
V
Reverse Current*
IR1
@VR = rated VR
TJ = 25 C
0.024
1.2
mA
IR2
@VR = rated VR
TJ = 125 C
14
45
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
712
-
pF
Thermal-Mechanical Specifications:
Tube Specification
Tube Specification(TO-220AC/ITO-220AC)
Device
Package
Weight
Shipping
ST1560
TO-220AC
1.6g
50pcs / tube
STB1560
D²PAK
1.85g
800pcs / reel
STD1560
DPAK
0.39g
2500pcs / reel
STF1560
ITO-220AC
1.6g
50pcs / tube



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com