전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL7156 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 EL7156
상세설명  High Performance Pin Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7156 데이터시트(HTML) 4 Page - Intersil Corporation

  EL7156_05 Datasheet HTML 1Page - Intersil Corporation EL7156_05 Datasheet HTML 2Page - Intersil Corporation EL7156_05 Datasheet HTML 3Page - Intersil Corporation EL7156_05 Datasheet HTML 4Page - Intersil Corporation EL7156_05 Datasheet HTML 5Page - Intersil Corporation EL7156_05 Datasheet HTML 6Page - Intersil Corporation EL7156_05 Datasheet HTML 7Page - Intersil Corporation EL7156_05 Datasheet HTML 8Page - Intersil Corporation EL7156_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN7280.2
November 3, 2005
Typical Performance Curves
FIGURE 1. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. INPUT THRESHOLD vs SUPPLY VOLTAGE
FIGURE 3. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 4. “ON” RESISTANCE vs SUPPLY VOLTAGE
FIGURE 5. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 6. RISE/FALL TIME vs TEMPERATURE
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
AMBIENT TEMPERATURE (°C)
25
100
75
050
0.2
1
0.6
0.4
0.8
125
150
0
PDIP8
SO8
Max TJ=125°C
θJA=100°C/W
θJA=160°C/W
85
T=25°C
1.2
SUPPLY VOLTAGE (V)
1.0
1.8
1.6
1.4
15
510
HIGH THRESHOLD
HYSTERESIS
LOW THRESHOLD
T=25°C
15
SUPPLY VOLTAGE (V)
0
2.0
5
1.6
1.2
0.8
0.4
10
ALL INPUTS = GND
ALL INPUTS = VS+
IOUT=200mA, T=25°C, VS+=VH, VS-=VL=0V
SUPPLY VOLTAGE (V)
7.5
15
12.5
510
1
0
6
5
2
4
3
VOUT-VL
VOUT-VH
CL=2000pF, T=25°C
15
20
SUPPLY VOLTAGE (V)
10
30
510
25
15
tR
tI
tR
tF
CL=2000pF, VS+=15V
150
14
TEMPERATURE (°C)
10
100
20
-50
50
16
18
12
0
tF
tR
EL7156



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com