| 전자부품 데이터시트 검색엔진 |
|
SAA7216HS/C1 데이터시트(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7216HS/C1 데이터시트(HTML) 9 Page - NXP Semiconductors |
|
9 / 20 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... Fig.2 Hardware block diagram. handbook, full pagewidth FCE379 EEPROM 32 KBYTES × 8 SAA7214 TMIPS SAA7215 AVG DENC EEPROM 256 KBYTES × 8 DRAM 2 MBYTES IEEE 1394 L + PHY TDA8044A SDD SD1228 TUNER FRONT PANEL CONTROL I2C-BUS BUFFERS MICRO 87C524 UART smart card SCART smart card LR RGB SVHS (Y + UV) AUDIO AV Q I PES CVBS UDA1320 ADAC IEEE 1394 IEEE 1284 RS232 16-MBIT VIDEO/ GRAPHICS RAM 16-MBIT GRAPHICS/ CPU DATA RAM TDA8004 TDA8004 FLASH 2 × 2 MBYTES |