| 전자부품 데이터시트 검색엔진 |
|
ASAP 데이터시트(PDF) 1 Page - Vaisala |
|
|
|||||||||||||||||||||||||||||
ASAP 데이터시트(HTML) 1 Page - Vaisala |
|
1 / 2 page ![]() Vaisala ASAP Sounding Station Features • Upper-air observation station for marine conditions. • Radiosonde data collection and transmission in standard WMO message format, TEMP SHIP and BUFR. • Radiosonde launcher: ALS211 Vaisala ASAP Sounding Station is a semi-automatic upper-air observation station for use on-board ships. ASAP receives the radiosonde signals and converts them into meteorological messages. The Vaisala ASAP Sounding Station converts radiosonde signals into meteorological messages, which are forwarded in standard WMO message format, TEMP SHIP and BUFR through satellite system to land station. Vaisala automatic weather stations can be integrated in order to bring data into the system for surface weather observation and SYNOP SHIP message. Accurate Meteorological Measurements The Vaisala ASAP Sounding Station uses Vaisala RS41 family radiosondes that measure air pressure, temperature, relative humidity and wind direction/ speed. Wind-finding methods are based on the GPS. Robust Design for Extreme Conditions The Vaisala ASAP Station is housed in a 10-foot container. It meets the international requirements for mechanical construction (ISO), with a design that applies to the original specifications set by the ASAP Coordinating Committee (ACC) including certain carefully considered modifications. Vaisala Balloon Launcher ALS211 protects the meteorological balloon during the filling and launches the radiosonde. It has been designed for marine applications thus the functionality of the balloon launcher is reliable even in most extreme weather conditions at sea. User Friendly Operation The Vaisala ASAP Sounding Station includes the DigiCORAâ Sounding System that requires the minimum amount of time from the operator prior to balloon release. Sounding preparation phase can be easily followed with the sounding system user interface. The ASAP container offers comfortable and air-conditioned room for the operator during the sounding preparation phase, protecting at the same time from the current conditions at the sea. Balloon filling and release actions are performed by simply operating two separate control levers. After the balloon and radiosonde are released all actions are automatically fulfilled including message transmission. The Vaisala ASAP Station consists of: • Vaisala DigiCORAâ Sounding System MW41 with a no-break power supply and the necessary software and hardware options. • Vaisala RS41 radiosondes • Optionally Vaisala Automatic Weather Station for making the surface PTU and wind observations. • Vaisala ALS211 semiautomatic radiosonde launcher which includes electrical heaters and air-conditioner. Benefits • Very compact structure • Easy to install, operate and transfer • Reliable data collection and transmission. |
유사한 부품 번호 - ASAP |
|
유사한 설명 - ASAP |