전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDM816-05B-01FST-3M-67 데이터시트(PDF) 2 Page - CUI Devices

부품명 CDM816-05B-01FST-3M-67
상세설명  M8 CABLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUID [CUI Devices]
홈페이지  https://www.cuidevices.com/
Logo CUID - CUI Devices

CDM816-05B-01FST-3M-67 데이터시트(HTML) 2 Page - CUI Devices

  CDM816-05B-01FST-3M-67 Datasheet HTML 1Page - CUI Devices CDM816-05B-01FST-3M-67 Datasheet HTML 2Page - CUI Devices CDM816-05B-01FST-3M-67 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | SERIES: CDM816 | DESCRIPTION: M8 CABLE
date 08/05/2022 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
units: mm
tolerance:
0.5<X≤6.0: ±0.1 mm
6.0<X≤30.0: ±0.2 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
cable
UL 2464
PVC (UL94V-0)
black
B
M8x1.0 screw
brass
nickel
C
terminals; female
brass
gold
D
housing; female
PA66 (UL94V-0)
black
E
overmold
TPU (UL94V-0)
black
F
o-ring
FKM
orange
No. of Poles
3
4
5
6
8
Coding
Pin#
Cable
24 AWG X 3C
OD: Ø4.0 mm
24 AWG X 4C
OD: Ø4.5 mm
24 AWG X 5C
OD: Ø4.8 mm
26 AWG X 6C
OD: Ø4.8 mm
26 AWG X 8C
OD: Ø5.3 mm
1
brown
brown
brown
brown
white
2
---
white
white
white
brown
3
blue
blue
blue
blue
green
4
black
black
black
black
yellow
5
---
---
gray
gray
gray
6
---
---
---
pink
pink
7
---
---
---
blue
8
---
---
---
red
Additional Resources: Product Page



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com