전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM3060PWR 데이터시트(PDF) 31 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 PCM3060PWR
상세설명  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3060PWR 데이터시트(HTML) 31 Page - Burr-Brown (TI)

Back Button PCM3060PWR Datasheet HTML 27Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 28Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 29Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 30Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 31Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 32Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 33Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 34Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 35Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
www.ti.com
PCM3060
SLAS533 – MARCH 2007
DAPSV: DAC Power-Save Control (DAC)
Default value: 1
DAPSV = 0
Normal operation
DAPSV = 1
Power-save mode (default)
The DAPSV bit controls DAC power-save mode. In power-save mode, DAC outputs are forced to Vcom with a
fade-out sequence, the internal DAC data are reset and the DAC goes into the power-down state. For
power-save mode release, a fade-in sequence is applied on the DAC outputs in resume process. The serial
mode control is enabled during this mode. A waiting time of more than 2048/fS is required for the proper status
change by this power-save control on/off. As the default state after power on is the power-save mode and the
DAC outputs are disabled (VCOM), release from the power-save mode is required for normal operation. The
detailed sequence and timing for DAPSV control is shown Figure 22 and Figure 23.
NOTE:
It is recommended that changing/stopping clocks or changing the audio interface
mode be performed in power-down mode in order to avoid unexpected pop/click
noise and performance degradation.
S/E: DAC Output Configuration Control (DAC)
Default value: 0
S/E = 0
Differential (default)
S/E = 1
Single-ended
The S/E bit allows the user to select the configuration of the DAC output on the VOUTX pins according to
application circuit.
31
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45