전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL97632 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL97632
상세설명  White LED Driver with Digital Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97632 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL97632_07 Datasheet HTML 1Page - Intersil Corporation ISL97632_07 Datasheet HTML 2Page - Intersil Corporation ISL97632_07 Datasheet HTML 3Page - Intersil Corporation ISL97632_07 Datasheet HTML 4Page - Intersil Corporation ISL97632_07 Datasheet HTML 5Page - Intersil Corporation ISL97632_07 Datasheet HTML 6Page - Intersil Corporation ISL97632_07 Datasheet HTML 7Page - Intersil Corporation ISL97632_07 Datasheet HTML 8Page - Intersil Corporation ISL97632_07 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN9239.2
April 10, 2007
Typical Performace Curves
FIGURE 2. EFFICIENCY vs LED CURRENT
FIGURE 3. QUIESCENT CURRENT vs VIN (ENAB = HI)
FIGURE 4. LOAD REGULATION (VIN = 4V)
FIGURE 5. LINE REGULATION
FIGURE 6. ILED vs PROGRAMMING CODES
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
40
45
IOUT (mA)
4.2V IN 4 LEDs OUT (22µH)
3.6V IN 4 LEDs OUT (15µH)
3.6V IN 4 LEDs OUT (10µH)
4.2V IN 4 LEDs OUT (10µH)
3.6V IN 4 LEDs OUT (22µH)
4.2V IN 4 LEDs OUT (15µH)
- 0.2
0
0.2
0.4
0.6
0.8
1
0
VIN (V)
1
234
5
19.92
19.96
20.00
20.04
20.08
0
5
10
15
20
25
30
VOUT (V)
19.62
19.64
19.66
19.68
19.70
19.72
19.74
19.76
2.53.0
3.54.0
4.55.0
5.5
VIN (V)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
CODE = DECIMAL
RSET = 4.7Ω
ISL97632



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com