전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSE892 데이터시트(PDF) 2 Page - Deep Sea Electronics

부품명 DSE892
상세설명  SNMP GATEWAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSE [Deep Sea Electronics]
홈페이지  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

DSE892 데이터시트(HTML) 2 Page - Deep Sea Electronics

  DSE892 Datasheet HTML 1Page - Deep Sea Electronics DSE892 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DSE892
SNMP GATEWAY
DSE
Genset
®
ENVIRONMENTAL TESTING STANDARDS
ELECTRO MAGNETIC COMPATIBILITY
BS EN 61000-6-2
EMC Generic Emission Standard for the
Industrial Environment
BS EN 61000-6-4
EMC Generic Emission Standard for the
Industrial Environment
ELECTRICAL SAFETY
BS EN 60950
Safety of Information Technology
Equipment, including Electrical Business
Equipment
TEMPERATURE
BS EN 60068-2-2
Test Ab to +70oC 60067-2-2 Hot
Test Ab to -30oC 60068-2-1 Cold
VIBRATION
BS EN 60068-2-6
Ten sweeps in each of three major axes
5Hz to 8Hz @ +/-7.5mm, 8Hz to 500Hz @
2gn
HUMIDITY
BS 2011 part 2.1 60068-2-30
Test Cb Ob Cyclic
93% RH @ 40oC for 48 hours
SHOCK
BS EN 60068-2-27
Three shocks in each of three major axes
15gn in 11mS
ETHERNET
DC POWER
SUPPLY 8-35V
7
OTHER
DSE892
SNMP MANAGER
SMTP SERVER
USB
RS232
RS485
ETHERNET
ISSUE 1
COMPREHENSIVE FEATURE LIST TO SUIT A
WIDE VARIETY OF APPLICATIONS
CONNECTION TO DSE MODULE
See above for compatible controllers
DSE892 SNMP Gateway is used to
connect a DSE module with an
SNMP system to give monitoring
and control functionality.
DSE892 SNMP Gateway
communicates to the connected
controller(s), monitoring the
instrumentation and operating
state. If this data changes, SNMP
TRAP information is generated and
sent to the SNMP Manager.
Additionally emails can be
configured to be set to one or two
email addresses.
DSE892 SNMP Gateway also
contains a protocol conversion
function. This cannot be utilised at
the same time as the SNMP
function.
COMPATIBLE DSE CONTROLLERS
INCLUDE:
AUTO START
CONTROL MODULES
DSE4310
DSE4410
DSE4510
DSE4610
DSE6010
DSE6010 MKII
DSE6110
DSE6610
DSE7110
DSE7210
DSE7310
DSE7410
DSE8610
DSE4320
DSE4420
DSE4520
DSE4620
DSE6020
DSE6020 MKII
DSE6120
DSE6620
DSE7120
DSE7220
DSE7320
AUTO MAINS FAILURE
CONTROL MODULES
LIGHTING TOWER
CONTROL MODULES
DSEL400
DSEL401



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com