| 전자부품 데이터시트 검색엔진 |
|
TMS320DM647ZUT720 데이터시트(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647ZUT720 데이터시트(HTML) 31 Page - Texas Instruments |
|
31 / 166 page ![]() www.ti.com TMS320DM647/TMS320DM648 Digital Media Processor SPRS372 – MAY 2007 Table 2-5. TERMINAL FUNCTIONS (GROUND and POWER SUPPLY) (continued) TERMINAL NAME NO TYPE INTERNAL OPER VOLT DESCRIPTION PULLUP/PULLD OWN DVDDD T10 1.2-V SerDes Digital Supply DVDDD U10 1.2-V SerDes Digital Supply AVDDR AB10 1.8-V SerDes Analog Supply (Regulator) AVDDT AB8 1.2-V SerDes Analog Supply AVDDT U11 1.2-V SerDes Analog Supply DVDD33 E22 3.3-V I/O supply voltage DVDD33 F20 3.3-V I/O supply voltage DVDD33 G19 3.3-V I/O supply voltage DVDD33 J7 3.3-V I/O supply voltage DVDD33 H16 3.3-V I/O supply voltage DVDD33 H22 3.3-V I/O supply voltage DVDD33 J17 3.3-V I/O supply voltage DVDD33 K8 3.3-V I/O supply voltage DVDD33 K16 3.3-V I/O supply voltage DVDD33 L7 3.3-V I/O supply voltage DVDD33 L17 3.3-V I/O supply voltage DVDD33 M8 3.3-V I/O supply voltage DVDD33 M16 3.3-V I/O supply voltage DVDD33 M23 3.3-V I/O supply voltage DVDD33 N2 3.3-V I/O supply voltage DVDD33 N7 3.3-V I/O supply voltage DVDD33 N17 3.3-V I/O supply voltage DVDD33 P8 3.3-V I/O supply voltage DVDD33 P16 3.3-V I/O supply voltage DVDD33 R7 3.3-V I/O supply voltage DVDD33 R17 3.3-V I/O supply voltage DVDD33 T8 3.3-V I/O supply voltage DVDD33 T12 3.3-V I/O supply voltage DVDD33 T14 3.3-V I/O supply voltage DVDD33 G1 3.3-V I/O supply voltage DVDD33 T23 3.3-V I/O supply voltage DVDD33 AB7 3.3-V I/O supply voltage DVDD33 U15 3.3-V I/O supply voltage DVDD33 U17 3.3-V I/O supply voltage DVDD33 V2 3.3-V I/O supply voltage DVDD33 V16 3.3-V I/O supply voltage DVDD33 W23 3.3-V I/O supply voltage DVDD33 Y4 3.3-V I/O supply voltage DVDD33 Y8 3.3-V I/O supply voltage DVDD33 AB16 3.3-V I/O supply voltage DVDD33 AC2 3.3-V I/O supply voltage DVDD33 AC5 3.3-V I/O supply voltage DVDD33 AB12 3.3-V I/O supply voltage DVDD33 AC19 3.3-V I/O supply voltage DVDD33 AC23 3.3-V I/O supply voltage DVDD18 B1 1.8-V I/O supply voltage (DDR2 Memory Controller) Submit Documentation Feedback Device Overview 31 |