| 전자부품 데이터시트 검색엔진 |
|
STP40NF10 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP40NF10 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 12 page ![]() Electrical characteristics STP40NF10 4/12 2 Electrical characteristics (TCASE=25°C unless otherwise specified) Table 3. On/off states Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source Breakdown voltage ID = 250 µA, VGS = 0 100 V IDSS Zero gate voltage Drain current (VGS = 0) VDS = Max rating 1 µA VDS=Max rating,TC=125°C 10 µA IGSS Gate-body leakage current (VDS = 0) VGS = ±20V ±100 nA VGS(th) Gate threshold voltage VDS = VGS, ID = 250µA 2 3 4 V RDS(on) Static drain-source on resistance VGS = 10V, ID = 25A 0.025 0.028 Ω Table 4. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit gfs (1) 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5. Forward transconductance VDS = 15V, ID=28A 22 S Ciss Input capacitance VDS = 25V, f = 1 MHz, VGS = 0 2180 pF Coss Output capacitance 298 pF Crss Reverse transfer capacitance 83.7 pF Qg Total gate charge VDD = 80V, ID = 50A, VGS = 10V (see Figure 14) 57.6 76 nC Qgs Gate-source charge 13.3 nC Qgd Gate-drain charge 17.5 nC Table 5. Switching times Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) tr Turn-on delay time Rise time VDD = 50V, ID = 25A RG =4.7Ω VGS = 10V (see Figure 13) 21 46 ns ns td(off) tf Turn-off-delay time Fall time VDD = 27V, ID = 40A, RG =4.7Ω, VGS = 10V (see Figure 13) 54 13 ns ns |