| 전자부품 데이터시트 검색엔진 |
|
CYPAS212 데이터시트(PDF) 4 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYPAS212 데이터시트(HTML) 4 Page - Infineon Technologies AG |
|
4 / 32 page ![]() Datasheet 4 002-37370 Rev. *B 2023-10-10 EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller Application overview 1 Application overview 1.1 USB PD adapter – Secondary-side flyback control Figure 1 shows a power adapter application diagram implementing a secondary-side controlled synchronous flyback system. In this system, EZ-PD™ PAG2S-AC modulates the pulse width of the primary MOSFET in voltage control mode. PAG2S-AC engages the internal error amplifier (EA) and a programmable ramp generator to determine the pulse width of the PWM. This PWM signal is transferred from the secondary to the primary side through a pulse edge transformer, the same pulse transformer is used to transfer the ACF signal as well. In this topology, PAG2S-AC integrates three key features: secondary-side PWM control with ACF, charging protocol control, and fault protection. In the following example, EZ-PD™ PAG2P is used as the primary controller with PAG2S-AC. Figure 1 USB PD adapter with secondary-side flyback control CYPET121 EZ-PD™ PAG2P CYPAP212 EMI Filter GND HV GDL CS CC1 CC2 DP_GPIO3 DM_GPIO2 Temperature Sensor GPIOs VCC CC_COMP EA_OUT FB PULSEIN SS PWM_DRV High Side Driver RT BGND EZ-PD™ PAG2S CYPAS212 |