전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTSR6-NP 데이터시트(PDF) 2 Page - LEM

부품명 LTSR6-NP
상세설명  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LTSR6-NP 데이터시트(HTML) 2 Page - LEM

  LTSR6-NP Datasheet HTML 1Page - LEM LTSR6-NP Datasheet HTML 2Page - LEM LTSR6-NP Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
page 2/3
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
070307/10
Current Transducer LTSR 6-NP
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 100
°C
Insulating material group
III a
m
Mass
10
g
Standards 7)
EN 50178: 1997
IEC 60950-1: 2001
Isolation characteristics
V
d
Rms voltage for AC isolation test, 50/60 Hz, 1 min
3
kV
Impulse withstand voltage 1.2/50 µs
> 8
kV
Mini
V
e
Rms voltage for partial discharge extinction @ 10pC
> 1.5
kV
Mini
dCp
Creepage distance 8)
15.35
mm
dCl
Clearance distance 9)
6.2
mm
CTI
Comparative Tracking Index (Group III a)
175
Application examples
According to EN 50178 and IEC 61010-1 standards and following conditions:
Over voltage category OV 3
Pollution degree PD2
Non-uniform field
Notes:
7) Specification according to IEC 1000-4-8 not adhered to in DC, error
according to two axes 1.5% instead of 1%.
8) On housing.
9) On PCB with soldering pattern UTEC93-703.
Safety
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the manufacturer's
operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
EN 50178
IEC 61010-1
dCp, dCI,
Rated isolation voltage
Nominal voltage
Single isolation
600 V
600 V
Reinforced isolation
300 V
300 V
V
W
V
W



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com