전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3910CSSS 데이터시트(PDF) 41 Page - Texas Instruments

부품명 ADC3910CSSS
상세설명  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS 데이터시트(HTML) 41 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 37Page - Texas Instruments ADC3910CSSS Datasheet HTML 38Page - Texas Instruments ADC3910CSSS Datasheet HTML 39Page - Texas Instruments ADC3910CSSS Datasheet HTML 40Page - Texas Instruments ADC3910CSSS Datasheet HTML 41Page - Texas Instruments ADC3910CSSS Datasheet HTML 42Page - Texas Instruments ADC3910CSSS Datasheet HTML 43Page - Texas Instruments ADC3910CSSS Datasheet HTML 44Page - Texas Instruments ADC3910CSSS Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 131 page
background image
B2
B3
B6
B7
B7
B15
DCLK
D11
A15
A11
FCLK
DDR
4 Lane
4x Serialization
B3
B11
A7
A3
B11
B15
DCLK
Sample N
D11
A15
A11
FCLK
DDR
DEFAULT
4 Lane
4x Serialization
B3
B7
A7
A3
B4
B12
Sample N
D08
A8
B0
B8
A4
A0
A12
B8
B12
D08
A8
B0
B4
A4
A0
A12
B14
B15
B10
B11
A10
A11
B8
B9
A8
A9
B12
B13
A12
A13
Sample N
D11
D05
D04
D10
A15
A14
DCLK
HDDR
4 Lane
4x Serialization
FCLK
A6
A7
B4
B5
A4
A5
A2
A3
B0
B1
A0
A1
B2
B3
B6
B7
B14
B15
B10
B11
A10
A11
B8
B9
A8
A9
B12
B13
A12
A13
Sample N
D11
D09
D08
D10
A15
A14
DCLK
SDR
4 Lane
4x Serialization
FCLK
A6
A7
B4
B5
A4
A5
A2
A3
B0
B1
A0
A1
Figure 6-22. 16 Bit, 4 Lanes, 4x Serialization
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More