| 전자부품 데이터시트 검색엔진 |
|
PCE-RAM10 데이터시트(PDF) 1 Page - PCE Instruments. |
|
|
|||||||||||||||||||||||||||||
PCE-RAM10 데이터시트(HTML) 1 Page - PCE Instruments. |
|
1 / 2 page ![]() Geiger Counter PCE-RAM 10 Geiger Counter to detect α-, β-, γ- and x- radiation / Highaccuracy / Internal data memory / Large LCD display / Data transfer to computer / Bluetooth interface The Geiger Counter PCE-RAM 10 was developed to detect α-, β-, γ-and x- radiation. The radiation meter PCE-RAM 10 provides many featuresincluding a large, high-resolution LCD display with background lightsand many indicators. The Geiger Counter PCE-RAM 10 has an internal datastorage for up to 2000 data sets, which are saved either manually orautomatically. Furthermore the Geiger Counter PCE-RAM 10 is equipped witha Bluetooth interface to transfer the measured data in real-time to acomputer. With the software that is included in the delivery, the datacan then be further processed and reviewed. The Geiger Counter PCE-RAM 10stands out with its high accuracy and practical design. The radiationmeter can be applied in the pharmaceuticalindustry, laboratories, power plants, quarries, theemergency services, metal industries, petroleumreservoirs, environmental protection etc. α-, β-, γ- and x- radiation High measuring accuracy Internal data storage for 2000 values Large LCD display Bluetooth interface Software for data processing |
유사한 부품 번호 - PCE-RAM10 |
|
유사한 설명 - PCE-RAM10 |