| 전자부품 데이터시트 검색엔진 |
|
AXP188 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AXP188 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 46 page ![]() VQ.QW WPPIQPWE CC Confidential Page 6/46 Single Cell Li-Battery -and Power System Management IC AXP188 4.极限参数(ABSOLUTE MAXIMUM RATINGS) Symbol Description Value Units DCIN Input Voltage 输入电压 -0.3 to 10 V TJ Operating Temperature Range 工作温度 -40 to 85 ℃ Ts Storage Temperature Range 储运温度 -40 to 125 ℃ TLEAD Maximum Soldering Temperature (at leads, 10sec) 锡焊温度 300 ℃ VESD Maximum ESD stress voltage, Human Body Model 抗静电能力 >3000 V PD Internal Power Dissipation 内部功率消耗耐受 1100 mW |