전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA84C422AP 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 PCA84C422AP
상세설명  8-bit microcontrollers for remote control transmitters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C422AP 데이터시트(HTML) 2 Page - NXP Semiconductors

  PCA84C422AP Datasheet HTML 1Page - NXP Semiconductors PCA84C422AP Datasheet HTML 2Page - NXP Semiconductors PCA84C422AP Datasheet HTML 3Page - NXP Semiconductors PCA84C422AP Datasheet HTML 4Page - NXP Semiconductors PCA84C422AP Datasheet HTML 5Page - NXP Semiconductors PCA84C422AP Datasheet HTML 6Page - NXP Semiconductors PCA84C422AP Datasheet HTML 7Page - NXP Semiconductors PCA84C422AP Datasheet HTML 8Page - NXP Semiconductors PCA84C422AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1995 May 01
2
Philips Semiconductors
Product specification
8-bit microcontrollers for
remote control transmitters
PCA84C122; 222; 422; 622; 822
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
2.1
Important note
3
MEMORY AND I/O CONFIGURATIONS
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING INFORMATION
6.1
Pinning
6.2
Pin description
7
POWER-ON-RESET STATUS AND PORT
OPTIONS
8
HARDWARE MODULATOR
8.1
Interface between the 84CXXX core and
derivative logic
8.2
Instructions for data transfer between the
84CXXX core and derivative logic
8.3
Operation of the Hardware Modulator
9
INTERRUPTS
9.1
Internal timer/counter
9.2
External keypad wake-up and T0/INT pin
10
OUTPUT DRIVER
11
WATCHDOG TIMER (WDT)
12
LIMITING VALUES
13
DC CHARACTERISTICS
14
AC CHARACTERISTICS
15
APPLICATION INFORMATION
16
PACKAGE OUTLINES
17
SOLDERING
17.1
Plastic small outline packages
17.2
Plastic dual in-line packages
18
DEFINITIONS
19
LIFE SUPPORT APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24