전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCD6001 데이터시트(PDF) 27 Page - NXP Semiconductors

부품명 PCD6001
상세설명  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 데이터시트(HTML) 27 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 23Page - NXP Semiconductors PCD6001 Datasheet HTML 24Page - NXP Semiconductors PCD6001 Datasheet HTML 25Page - NXP Semiconductors PCD6001 Datasheet HTML 26Page - NXP Semiconductors PCD6001 Datasheet HTML 27Page - NXP Semiconductors PCD6001 Datasheet HTML 28Page - NXP Semiconductors PCD6001 Datasheet HTML 29Page - NXP Semiconductors PCD6001 Datasheet HTML 30Page - NXP Semiconductors PCD6001 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
2001 Apr 17
27
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
Table 14 Allocation of interrupt sources
Notes
1. For some C-compilers ‘1’ has to be added to this number.
2. The interrupt controller supports up to 15 interrupt sources, each with a 2-level (high or low) priority. High priority
interrupt is always serviced before a low priority interrupt, but within the high and low levels, interrupts are serviced
in the order shown in this column.
VECTOR
SOURCE
NUMBER(1)
PRIORITY(2)
DESCRIPTION
IENx/IPx
0003
EX0
0
1
external interrupt 0
IEN0.0/IP0.0
000B
T0
1
4
Timer 0 interrupt
IEN0.1/IP0.1
0013
EX1
2
7
external interrupt 1
IEN0.2/IP0.2
001B
T1
3
10
Timer 1 interrupt
IEN0.3/IP0.3
0023
MSK_event
4
13
MSK RI or TI interrupt
IEN0.4/IP0.4
002B
TIME_event
5
2
TIME interrupt
IEN0.5/IP0.5
0033
FS_event
6
5
FS interrupt
IEN0.6/IP0.6
003B
EX2
7
8
external interrupt 2
IEN1.0/IP1.0
0043
EX3
8
11
external interrupt 3
IEN1.1/IP1.1
004B
EX4
9
14
external interrupt 4
IEN1.2/IP1.2
0053
EX5
10
3
external interrupt 5
IEN1.3/IP1.3
005B
EX6
11
6
external interrupt 6
IEN1.4/IP1.4
0063
I2C-bus
12
9
I2C-bus interrupt
IEN1.5/IP1.5
006B
DSP_event
13
12
DSP interrupt
IEN1.6/IP1.6
0073
RTC_event
14
15
RTC interrupt
IEN1.7/IP1.7
handbook, full pagewidth
MGM773
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
IX1
IEN1
RTC
FS
TIME
EX6
EX5
EX4
EX3
EX2
IRQ1
RTC_event
DSP_event
TIME_event
Fig.9 Port 1 external interrupt configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96