전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC596LP4E 데이터시트(PDF) 3 Page - Hittite Microwave Corporation

부품명 HMC596LP4E
상세설명  SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC596LP4E 데이터시트(HTML) 3 Page - Hittite Microwave Corporation

  HMC596LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC596LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9
9 - 360
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
* Isolation is recorded above insertion loss & measured at output of switch.
Isolation When VL is Connected to OP1*
Isolation When HH is Connected to OP1*
Isolation When HL is Connected to OP1*
Isolation When VH is Connected to OP1*
SMT CMOS 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz
Return Loss
Typical Insertion Loss vs. Temperature
HMC596LP4 / HMC596LP4E
v00.0107
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
+25C
+85C
-40C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
VL to OP1 (state 16)
VH to OP1 (state 16)
VL to OP1 (state 13)
VH to OP1 (state 14)
HL to OP1 (state 16)
HL to OP1 (state 15)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
HH to OP1 (state 8)
HL to OP1 (state 6)
HL to OP1 (state 7)
VL to OP1 (state 6)
VL to OP1 (state 5)
HH to OP1 (state 6)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
HH to OP1 (state 11)
HH to OP1 (state 12)
VH to OP1 (state 10)
VL to OP1 (state 11)
VL to OP1 (state 9)
VH to OP1 (state 11)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
HL to OP1 (state 3)
VH to OP1 (state 2)
HH to OP1 (state 1)
HH to OP1 (state 4)
VH to OP1 (state 1)
HL to OP1 (state 1)
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
Input RL, Input Selected
Input RL, Input Deselected
Output RL
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com