전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSTCC2M00G53A-R0 데이터시트(PDF) 17 Page - Murata Manufacturing Co., Ltd

부품명 CSTCC2M00G53A-R0
상세설명  Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA1 [Murata Manufacturing Co., Ltd]
홈페이지  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCC2M00G53A-R0 데이터시트(HTML) 17 Page - Murata Manufacturing Co., Ltd

Back Button CSTCC2M00G53A-R0_V01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Document No. JGC42-8786
株式会社
Murata Manufacturing Co.,Ltd.
P. 17/19
13-4-4 はんだ盛り量 Solder Volume
はんだ盛り量は基板の高さ以下にしてください。基板を超えた場合、キャップと基板の封止部
が破損する可能性があります。
Please keep the solder volume less than the height of the substrate. When exceeding the
substrate, the damage of adhesive for sealing between the metal cap and the substrate may
occur.
13-5
本体を外装樹脂にてコ-ティングする場合は、条件を充分ご確認の上ご使用下さい。
Conformal coating of the component is acceptable. However, the resin material, curing
temperature, and other process conditions should be evaluated to confirm stable electrical
characteristics are maintained.
13-6
実装後に基板から取り外した製品は再使用しないで下さい。
Do not reuse removed component from a circuit board after soldering.
はんだ盛り量
Solder volume
基板
Substrate
金属キャップ
Metal Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19