| 전자부품 데이터시트 검색엔진 |
|
CSTCE12M0G52-R0 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
CSTCE12M0G52-R0 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd |
|
1 / 2 page ![]() Product Search Data Sheet CSTCE12M0G52-R0 Note: This datasheet may be out of date. Please download the latest datasheet of CSTCE12M0G52-R0 from the official website of Murata Manufacturing Co., Ltd. http://www.murata.com/en/products/productdetail?partno=CSTCE12M0G52-R0 Attention 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : https://www.murata.com/ Last updated02/28/2024 Applications Unsuitable Applications Please be sure to read and comply with these "Precautions for use." Specific Applications Consumer equipment Please refer to Our Website and specifications, etc. for information about the performance, functions, quality, management, and safety required for the above applications, and use Products after confirming the performance and reliability of the actual Product. Appearance & Shape Packaging Information Packaging Specifications Standard Packing Quantity R0 180mm Embossed Tape 3000 Features MURATA's package technology expertise has enabled the development of the Chip CERALOCK. High-density mounting is made possible by the small package and the elimination of the need for an external load capacitor. Features 1. Oscillation circuits do not require external load capacitors. 2. Available for a wide frequency range. 3. Extremely small and have a low profile. 4. No adjustment is necessary for oscillation circuits. 1 of 2 |
유사한 부품 번호 - CSTCE12M0G52-R0 |
|
유사한 설명 - CSTCE12M0G52-R0 |