| 전자부품 데이터시트 검색엔진 |
|
74ACT11109DR 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74ACT11109DR 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 5 page ![]() 54ACT11109, 74ACT11109 DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET SCAS451 – FEBRUARY 1987 – REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 2–2 logic symbol† S 1 1J 14 1J 16 1CLK C1 3 1Q 2 1K 15 R 13 7 10 2J 8 2CLK 5 2Q 6 9 11 1PRE 2PRE 1CLR 1K 2CLR 2K 1Q 2Q † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, and N packages. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC – 0.5 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) – 0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Note 1) – 0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. recommended operating conditions 54ACT11109 74ACT11109 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC V IOH High-level output current –24 –24 mA IOL Low-level output current 24 24 mA ∆t/∆v Input transition rise or fall rate 0 10 0 10 ns/ V TA Operating free-air temperature –55 125 –40 85 °C |