전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF1179CT 데이터시트(PDF) 16 Page - NXP Semiconductors

부품명 PCF1179CT
상세설명  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1179CT 데이터시트(HTML) 16 Page - NXP Semiconductors

Back Button PCF1179CT Datasheet HTML 12Page - NXP Semiconductors PCF1179CT Datasheet HTML 13Page - NXP Semiconductors PCF1179CT Datasheet HTML 14Page - NXP Semiconductors PCF1179CT Datasheet HTML 15Page - NXP Semiconductors PCF1179CT Datasheet HTML 16Page - NXP Semiconductors PCF1179CT Datasheet HTML 17Page - NXP Semiconductors PCF1179CT Datasheet HTML 18Page - NXP Semiconductors PCF1179CT Datasheet HTML 19Page - NXP Semiconductors PCF1179CT Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1997 Apr 16
16
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1179C
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20