전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF2116AU/10 데이터시트(PDF) 49 Page - NXP Semiconductors

부품명 PCF2116AU/10
상세설명  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2116AU/10 데이터시트(HTML) 49 Page - NXP Semiconductors

Back Button PCF2116AU/10 Datasheet HTML 45Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 46Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 47Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 48Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 49Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 50Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 51Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 52Page - NXP Semiconductors PCF2116AU/10 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Notes
1. X = don’t care.
2. SDA is left at high-impedance by the microcontroller during the READ acknowledge.
24
read data: 8
× SCL + master acknowledge; note 2
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
8
× SCL; code of letter ‘H’ is read first. During master
acknowledge code of ‘I’ is loaded into the I2C interface.
010010000
PHILIPS
25
read data: 8
× SCL + no master acknowledge; note 2
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
No master acknowledge; After the content of the I2C interface
register is shifted out no internal action is performed. No new
data is loaded to the interface register, Data Register (DR) is not
updated, Address Counter (AC) is not incremented and cursor is
not shifted.
010010011
PHILIPS
26
I2C STOP
PHILIPS
STEP
I2C BYTE
DISPLAY
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64