전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCE-DDM5WI 데이터시트(PDF) 2 Page - PCE Instruments.

부품명 PCE-DDM5WI
상세설명  Hanging Scales PCE-DDM 5WI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PCE [PCE Instruments.]
홈페이지  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DDM5WI 데이터시트(HTML) 2 Page - PCE Instruments.

  PCE-DDM5WI Datasheet HTML 1Page - PCE Instruments. PCE-DDM5WI Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
5000 kg / 50 kN / 11023 lbs
Resolution
2 kg / 20 N / 4 lbs
Min. range
40 kg / 88 lbs
Weight (with shackle)
3 kg / 6.6 lbs
(6 kg / 13 lbs)
Accuracy
±0.1 % of measurement range
Tare range
Max. 20 % of measurement range
Display
LCD with 22 mm / 0.9 in digit height
Units of measurement
kg / t / lb / N / kN
Sampling rate
2.5 Hz
Operating temperature -10° C ... +40° C / +14° F ... +104° F
Power supply
3 x 1.5 V AA batteries
Operating time
Approx. 50 hours
 
Technical drawing
A
B
C
D
Ø E
H
Material
285 mm
11.2 in
123 mm
4.8 in
57 mm
2.2 in
210 mm
8.3 in
58 mm
2.3 in
405 mm
15.9 in
Aluminium
More information
Manual
Diagram
Video
More product info
Similar products



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com