| 전자부품 데이터시트 검색엔진 |
|
MHW6342TN 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MHW6342TN 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 4 page ![]() MHW6342TN 3 RF Device Data Freescale Semiconductor PACKAGE DIMENSIONS CASE 1302-01 ISSUE E 2 STYLE 1: PIN 1. RF INPUT 2. GROUND 3. GROUND 4. DELETED 5. VDC 6. DELETED 7. GROUND 8. GROUND 9. RF OUTPUT 15 8 9 J B S R V Q 2X M F M 0.010 A M T M A M 0.020 T N G U C L M A M 0.010 Z T M A M 0.010 Z T 6−32UNC−2B 2X W P K 37 X A F F A Z Y 2X 2X D 7X 4X E E T X Z NOTES: 1. DIMENSIONS ARE IN INCHES. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. X DIM A MIN MAX MIN MAX MILLIMETERS −−− 1.775 −−− 45.085 INCHES B −−− 1.085 −−− 27.559 C −−− 0.840 −−− 21.336 D 0.015 0.021 0.381 0.533 E 0.465 0.510 11.811 12.954 F 0.300 0.325 7.62 8.255 G J K 0.315 0.355 8.001 9.017 L N P Q 0.148 0.168 3.759 4.267 R −−− 0.600 −−− 15.24 S U V −−− 0.250 −−− 6.350 W 0.435 −−− 11.049 −−− X Y 0.152 0.163 3.861 4.140 Z 0.009 0.011 0.229 0.279 0.100 BSC 0.156 BSC 0.400 BSC 1.000 BSC 0.165 BSC 0.100 BSC 1.500 BSC 0.200 BSC 2.540 BSC 3.962 BSC 10.160 BSC 25.400 BSC 4.191 BSC 2.540 BSC 38.100 BSC 5.080 BSC |