| 전자부품 데이터시트 검색엔진 |
|
PCF5083 데이터시트(PDF) 89 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083 데이터시트(HTML) 89 Page - NXP Semiconductors |
|
89 / 136 page ![]() 1996 Oct 29 89 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 9.3.2.2 Sensitivity Table 64 Equalizer and channel decoder sensitivity; note 1 Note 1. Input level: −102 dBm. 9.3.2.3 Co-channel rejection Table 65 Equalizer and channel decoder co-channel rejection; note 1 Note 1. Signal levels: a) Level of wanted signal −85 dBm. b) Level of unwanted signal −94 dBm. 9.3.2.4 Erroneous frame indication performance Table 66 Equalizer and channel decoder erroneous frame indication performance SYMBOL PARAMETER CONDITION MAX. UNIT FER1 frame erasure rate static; ideal FH 5 × 10−4 − RBER6 residual bit error rate; TCH/FS class Ib static; ideal FH 0.2 % RBER7 residual bit error rate; TCH/FS class II static; ideal FH 0.5 % FER2 frame erasure rate TU50; no FH 4.0 % RBER3 residual bit error rate; TCH/FS class Ib TU50; no FH 0.2 % RBER4 residual bit error rate; TCH/FS class II TU50; no FH 5.0 % RBER5 residual bit error rate; TCH/FS class II RA250; no FH 6.0 % RBER6 residual bit error rate; TCH/FS class II HT100; no FH 7.0 % FER3 frame erasure rate; FACCH TU50; no FH 6.0 % FER4 frame erasure rate; SCH TU50; no FH 13.0 % SYMBOL PARAMETER CONDITION MAX. UNIT FER5 frame erasure rate, TCH/FS TU3; no FH 15.0 (2.0) % RBER7 residual bit error rate; TCF/FS class Ib TU3; no FH 1.0 (0.1) % RBER8 residual bit error rate; TCF/FS class II TU3; no FH 3.0 (6.0) % FER6 frame erasure rate; FACCH TU3; no FH 18.0 % FER7 frame erasure rate; SCH TU50; no FH 14.0 % SYMBOL PARAMETER CONDITION MAX. UNIT FDR1 false detection rate of FACCH, SACCH or SDCCH random RF input; level = −95 dBm tbf − FDR2 false detection rate of TCH/FS random RF input; level = −95 dBm 0.1 % |